PART |
Description |
Maker |
MAX1504110 |
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
|
Maxim Integrated Products
|
D2084UK |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(100W-28V-900MHz)(镀金多用DMOS射频硅场效应100W-28V-900MHz)) 金镀金属多功能硅的DMOS射频场效应管(功100W - 28V 900MHz时)(镀金多用的DMOS射频硅场效应管(功率100W - 28V 900MHz的) TetraFET 100W - 28V - 900MHz
|
Sanyo Electric Co., Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX703 MAX703C_D MAX703CPA MAX703CSA MAX703EPA MAX |
Low-Cost レP Supervisory Circuits with Battery Backup 低成本レP监控电路,带有备用电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 LOW-COST ヌP SUPERVISORY CIRCUITS WITH BATTERY BACKUP Low-Cost P Supervisory Circuits with Battery Backup Low-Cost μP Supervisory Circuits with Battery Backup
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD74122 |
Low Cost, Low Power Mono Audio Codec 2.5 V, 24-Bit Sigma-Delta Stereo Codec AD74122: Low Cost. Low Power Stereo Audio Codec Preliminary Data Sheet (Rev. PrG. 1/03)
|
Analog Devices, Inc.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
AD1893JST AD1893 AD1893JN AD1893JSTZ |
Low Cost SamplePort 16-Bit ASRC Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
|
AD[Analog Devices]
|
PSD303-B-15J PSD303-B-15L PSD303-B-15M PSD303-B-15 |
Low Cost Field Programmable Microcontroller Peripherals PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS Low cost field programmable microcontroller peripherals, 150ns Low cost field programmable microcontroller peripherals, 70ns
|
ST Microelectronics SGS Thomson Microelectronics
|