PART |
Description |
Maker |
ZXCL5213V28H5TA ZXCL5213V40H5TA ZXCL5213V25H5TA ZX |
Micropower SC70-5 Low Dropout Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.325 V DROPOUT, PDSO5 Micropower SC70-5 & SOT23-5 low dropout regulators
|
Diodes Incorporated
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
CS8363YDPSR7 CS8363YDPS7 CS8363 |
3.3V Dual Micropower Low Dropout Regulator with ENABLEbar and RESETbar 3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
|
ONSEMI[ON Semiconductor]
|
MC33264-D MC33264DM-5.0 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Micropower smallCAPE Voltage Regulators with On/Off Control
|
ON Semiconductor
|
MC78L06F09 MC78L06F-TP |
Three-Terminal Low Current Positive Voltage Regulat
|
Micro Commercial Components
|
REF19XES3 REF19XFS3 REF19XGRU4 REF19XGS REF191 REF |
Precision Micropower, Low Dropout, Low Voltage References, Nom. Vo=3.0 Precision Micropower, Low Dropout, Low Voltage References, Nom. Vo=4.096 Precision Micropower, Low Dropout Voltage References
|
AD[Analog Devices]
|
LT1175_05 LT1175 LT1175CN8 LT1175CN8-5 LT1175CQ LT |
500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 3.743 V-3.857 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
LT3013MPFEPBF LT3013MPFETRPBF LT1962 LT1776 LT1963 |
1.24 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.62 V DROPOUT, PDSO16 4.40 MM, LEAD FREE, PLASTIC, TSSOP-16 250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology, Corp.
|
LT1761-3.3 1761FAS |
100mA, Low Noise, Low Dropout Micropower Regulator in SOT-23 From old datasheet system
|
Linear
|