PART |
Description |
Maker |
LC371000SM |
1M Mask Rom Internal Clocked Silicon Gate(1M带内部定时硅门的掩膜 ROM) 100万掩模ROM内部时钟硅门100万带内部定时硅门的掩膜光盘)
|
Sanyo Electric Co., Ltd.
|
HD6433038VTE |
ROM: MASK ROM; V(cc): -0.3 to 7.0V; V(in): -0.3 to 0.3V; high-performance single-chip microcomputer
|
Hitachi Semiconductor
|
BA6668FM BA6B668FM |
3-Phase Motor Driver For CD-ROM/R-RW,DVD-ROM/RAM
|
Rohm
|
EM78P259NM |
8-Bit Microprocessor with OTP ROM 8位微处理器的OTP ROM
|
Elan Microelectronics, Corp.
|
BH3527FV |
Line amplifier for CD-ROM/DVD-ROM
|
ETC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
LC895199K |
CD-ROM, CD-R/RW, DVD±R/RW Applications: 32 × ATAPI supporting version of LC895196 CMOS IC 32 CD-ROM Decoder with ATAPI (IDE) Interface
|
Sanyo Semicon Device
|
BA5811FM |
5 Channel Driver for CD/CD-ROM Optical Disc LSIs > Motor/Actuator driver > CD/CD-ROM driver(5ch,6ch)
|
ROHM
|
ROMR0008 |
MultiMediaCard R0008 8 Mbyte ROM(多媒体卡 R0002 8 Mbyte ROM)
|
SIEMENS AG
|
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|