PART |
Description |
Maker |
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
RF1K49223 FN4322 |
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFETPower MOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET Power MOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET?Power MOSFET From old datasheet system 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET⑩ Power MOSFET
|
INTERSIL[Intersil Corporation]
|
HUF76113DK8 FN4387 |
6A/ 30V/ 0.032 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 6A, 30V, 0.032 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(6A, 30V, 0.032 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管)
|
Intersil Corporation
|
FDS8962C |
30V Dual N & P-Channel PowerTrench MOSFET Dual N & P-Channel Power Trench
|
Fairchild Semiconductor Corporation
|
FDS8958A10 FDS8958A FDS8958AF085 |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench MOSFET 7 A, 30 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDML7610S |
30V Asymmetric Dual N-Channel MOSFET PowerTrenchPower Stage Dual N-Channel PowerTrench? MOSFET N-Channel: 30 V, 30 A, 7.5 mΩ N-Channel: 30 V, 28 A, 4.2 mΩ
|
Fairchild Semiconductor
|
FDMA3027PZ |
-30V Dual P-Channel PowerTrenchMOSFET Dual P-Channel PowerTrench? MOSFET -30 V, -3.3 A, 87 mΩ
|
Fairchild Semiconductor
|
ZXMP3A17DN8TA ZXMP3A17DN8TC ZXMP3A17DN8-15 |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 3400 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
|
Diodes Incorporated Zetex Semiconductor PLC
|
FDP6670AS08 FDB6670AS FDP6670AS |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDS6670AS08 FDS6670AS |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
IRF9953 IRF9953TR |
-30V Dual P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V/ Rds(on)=0.25ohm)
|
International Rectifier
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|