PART |
Description |
Maker |
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
PSX96B-133PQ160 PSX160-PQ240 PSX160-50MQ240 PSX96B |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF9540NL with Lead-Free Packaging User Programmable Special Function ASIC -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9120N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9120N with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7420 with Lead Free Packaging 用户可编程ASIC的特殊功 -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU6215 with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7410 with Lead-Free Packaging. 用户可编程ASIC的特殊功
|
Ironwood Electronics
|
3710S IRF3710L IRF3710LPBF IRF3710S IRF3710SPBF IR |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Search --To IRF3710S
|
International Rectifier
|
IRLU120N IRLU120NPBF IRLR120N IRLR120NPBF IRLR120N |
Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.185ohm,身份证\u003d 10A条) 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp.
|
IRFU9120 IRFR9120 IRFR9120TRR IRFR9120TRL IRFR9120 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
|
IRF[International Rectifier]
|
JANS2N6849 JANTXV2N6849 JANTX2N6849 2489 IRFF9130 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package HEXFET? TRANSISTORS From old datasheet system POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
|
IRF[International Rectifier]
|
IRF9540NL IRF9540NS IRF9540NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF9520NSTRR IRF9520NL IRF9520NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRF7473TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRF520L IRF520NSTRR IRF520NSTRL |
Power MOSFET(Vdss=100V/ Rds(on)=0.20ohm/ Id=9.7A) 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|