PART |
Description |
Maker |
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
FDMB3800N_0610 FDMB3800N |
Dual N-Channel PowerTrench? MOSFET 30V, 4.8A, 40m Dual N-Channel PowerTrench㈢ MOSFET 30V, 4.8A, 40mз
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
HP4936DY HP4936DYT |
Discrete Commercial Dual N-Channel Logic Level Power MOSFET, 30V, 5.8A, 0.037 ohms @ Vgs = 10V, SO-8 Package 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STS6DNF30V |
DUAL N-CHANNEL 30V 0.026 OHM 6A SO-8 2.5V DRIVE STRIPFET II POWER MOSFET DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
FDS6990AS FDS6990AS_NL FDS6990ASNL |
Dual 30V N-Channel PowerTrench SyncFET 7500 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZXMP3A17DN8TA ZXMP3A17DN8TC ZXMP3A17DN8-15 |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 3400 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
|
Diodes Incorporated Zetex Semiconductor PLC
|
RF1K49086 |
3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFET Enhancement Mode Power MOSFET 3.5A/ 30V/ Avalanche Rated/ Dual N-Channel LittleFET Enhancement Mode Power MOSFET 3.5A, 30V, AVALANCHE RATED, DUAL N-CHANNEL LITTLEFET⒙ ENHANCEMENT MODE POWER MOSFET 3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFETEnhancement Mode Power MOSFET
|
Fairchild Semiconductor Corporation
|
ZXMD63P03X ZXMD63P03XTA ZXMD63P03XTC |
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET 2000 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
AO680111 |
30V Dual P-Channel MOSFET
|
Alpha & Omega Semiconductors
|
|