PART |
Description |
Maker |
IRF7329PBF |
-12V Dual P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
PSX96B-133PQ160 PSX160-PQ240 PSX160-50MQ240 PSX96B |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF9540NL with Lead-Free Packaging User Programmable Special Function ASIC -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9120N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9120N with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7420 with Lead Free Packaging 用户可编程ASIC的特殊功 -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU6215 with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7410 with Lead-Free Packaging. 用户可编程ASIC的特殊功
|
Ironwood Electronics
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRF7233 IRF7233TR |
-12V Single P-Channel HEXFET Power MOSFET in a SO-8 package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRLML6401TRPBF-1 IRLML6401PBF-1-15 |
-12V Single P-Channel HEXFET Power MOSFET in a Micro 3 package Compatible with Existing Surface Mount Techniques
|
International Rectifier, Corp.
|
NP1-6 NP2.8-12 NP12-6 NP7-12 NPL38-12 NP38-12 NP65 |
BLEIAKKU 6V 250G BATTERY 12V 2.8AH BATTERY 6V 12AH BLEIAKKU 12V 2800G BLEIAKKU NPL 12V 14.7KG BLEIAKKU 12V 13800G BLEIAKKU 12V 22700G BLEIAKKU 6V 2200G BLEIAKKU 12V 4000G BLEIAKKU 12V 6.3KG BLEIAKKU 12V 5000G BLEIAKKU 12V 900G BATTERY 6V 7AH BATTERY 12V 2.3AH 蓄电2V 2.3AH BLEIAKKU NPL 12V 24KG BLEIAKKU不良贷款12V4公斤
|
Yuasa Battery, Inc.
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
HIP6601B HIP6603B HIP6604B |
MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 5/12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V MOSFET Driver, Dual N-Channel, 730mA, 12V Low Side and 5/12V High Side or 5/12V High and Low Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|
CDD10810 |
Dual Diode POW-R-BLOK⑩ Modules 100 Amperes/800 Volts Dual Diode POW-R-BLOK Modules 100 Amperes/800 Volts
|
POWEREX[Powerex Power Semiconductors]
|
AOC3860 |
12V Common-Drain Dual N-Channel MOSFET
|
Alpha & Omega Semicondu...
|