PART |
Description |
Maker |
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
FDP6670AS08 FDB6670AS FDP6670AS |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
STS3DNF30L 6336 |
N-Channel 30V-0.055Ω-3.5A-SO-8 PowerMESH MOSFET(N沟道MOSFET) N沟道30V的,0.055Ω- 3.5A SO - 8封装PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 30V - 0.055 - 3.5A - SO-8 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDS6688AS |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench垄莽 SyncFET垄芒
|
Fairchild Semiconductor
|
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STS8C5H30L0707 STS8C5H30L |
N-channel 30V - 0.018 楼? - 8A/p-channel 30V - 0.045 楼? - 5A - SO-8 Low gate charge STripFET垄芒 III MOSFET N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET?/a> III MOSFET
|
STMicroelectronics
|
NTMFS4120N |
Power MOSFET 30V, 31A, Single N Channel, SO8 Flat Lead(30V, 31A锛????OSFET)
|
ON Semiconductor
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
RSS-093.3 RSS050P03 RSS100N03 RSS130N03 RSS065N03 |
Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-20 Switching (30V / 5.0A) Switching (30V / 10A) Switching (30V / 13A) Switching (30V / 6.5A) Switching (30V / 9A) ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Power Inc. Rohm RECOM Electronic GmbH
|