PART |
Description |
Maker |
EDI9LC644V EDI9LC644AV2010BC EDI9LC644AV1512BC EDI |
128Kx32 SSRAM/1Mx32 SDRAM Array(3.3V,128x32同步静态RAMB>1Mx32同步动态RAM阵列) 128Kx32 SSRAM/1Mx32 SDRAM Array(3.3V,128x32同步静态RAMMx32同步动态RAM阵列) SPECIALTY MEMORY CIRCUIT, PBGA153
|
White Electronic Designs Corporation
|
WED9LAPC2C16V8BC WED9LAPC2C16V8BI |
512K x 32 SSRAM / 1M x 64 SDRAM
|
White Electronic Designs Corporation
|
EDI9LC644V |
128Kx32 SSRAM/1Mx32 SDRAM
|
WEDC
|
AS5SS256K18DQ-10/IT AS5SS256K18DQ-10/XT AS5SS256K1 |
256K x 18 SSRAM - synchronous burst SRAM, flow-thru 256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through 256K x 18 SSRAM Synchronous Burst SRAM. Flow-Through 256 × 18的SSRAM同步突发静态存储器。流通过
|
Austin Semiconductor, Inc
|
PC755M8 PC755M8VG300LE PC755M8VG350LE |
32-bit RISC PowerPC-based Multichip Module RISC microprocessor. 8 Mbits: 128K x 72 SSRAM. Core frequency: 300 MHz/150 L2 cache. RISC microprocessor. 8 Mbits: 128K x 72 SSRAM. Core frequency: 350 MHz/175 MHz L2 cache.
|
Atmel
|
HY5V66GF HY5V66GF-H HY5V66GF-P |
SDRAM - 64Mb 4 Banks x 1M x 16Bit Synchronous DRAM 4Mx16|3.3V|4K|H|SDR SDRAM - 64M x16 SDRAM x16内存
|
Hynix Semiconductor TT electronics Semelab, Ltd.
|
AS5SS256K36ADQ-8.5XT AS5SS256K36ADQ-10IT AS5SS256K |
256K x 36 SSRAM - synchronous burst SRAM, flow-thru
|
Austin Semiconductor
|
033200 036500 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
0317 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
SV60-8 SV70-8 SV120-8 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|
KV60-8 KV30-8 KV70-8 KV120-8 KV50-8 KV50/6-8 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|