PART |
Description |
Maker |
DS1236A-5N DS1236AS-5N |
MicroManager Chip
|
MAXIM - Dallas Semiconductor
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
LC58E76 LC5872 LC5873 LC5874 LC5876 |
On-Chip EPROM Microcomputer 4-Bit Single-Chip Microprocessor with LCD Driver, 12 Kbytes of EPROM and 1Kbits of RAM On-Chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LC662304A LC66E5316 LC66P5316 LC662104A LC662106A |
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
CR1206-8W-2150DT CR1206-8W-1R50DT CR1206-8W-120JT- |
RESISTOR, 0.125 W, 0.5 %, 50 ppm, 215 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 3.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 22.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 85.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 10.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 505 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 24.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 15 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 105 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 365 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 50.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 115 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 150 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 255 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 305 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 68 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 7.68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 6.73 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.3 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 10200 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1.13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.063 W, 1 %, 100 ppm, 590000 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.8 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1020 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 1.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 145 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 100000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1020000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
Venkel, Ltd.
|
CPD06 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
CPD05 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
|