PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CYD18S36V-100BBC CYD18S36V-100BBI CYD18S36V CYD18S |
FLEx36垄芒 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36?/a> 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36?3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
|
Cypress Semiconductor http://
|
CY7C178-10NC CY7C178-12JC CY7C178-8NC CY7C178 CY7C |
16-Bit Level Shifting Transceiver 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 10 ns, PQCC52 32K x 18 Synchronous Cache RAM 32K的18同步高速缓存内 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 8.5 ns, PQFP52 IC DRVR UNIV 20BIT 3ST 56-TSSOP 18-Bit Universal Bus Driver, LE/
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C0851AV-167BBC CY7C0853AV-133BBC CY7C0853AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
CY7C0830V CY7C0831V-167AC CY7C0837V CY7C0832V-133A |
FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp.
|
CYD02S36V |
(CYDxxS36V) FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
CYD02S36V-133BBC CYD09S36V CYD09S36V-133BBC CYD09S |
FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36(TM) 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36(TM) 3.3V 64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
|
http:// CYPRESS[Cypress Semiconductor]
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IS61SF12832-10TQ IS61SF12832-10TQI IS61SF12832-8.5 |
x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8 ns, PBGA119 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-SO -40 to 85 128K X 32 CACHE SRAM, 8 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 10 ns, PBGA119 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 10 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 12 ns, PQFP100 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 7.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
GS84032T-166 GS84032T-166I GS84032B-166I GS84032B- |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM 256K x 18 128K x 32 128K x 36 4Mb Sync Burst x18 Fast Synchronous SRAM x18快速同步SRAM
|
Coilcraft, Inc.
|
IS61LF12832A-6.5B3 IS61LF12832A-7.5TQI IS61LF12832 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K的3228K的3656 × 18 4兆同步流动,通过静态内
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|