PART |
Description |
Maker |
CAT34WC02W-TE13 CAT34WC02Y-TE13 CAT34WC02Y-1.8TE13 |
MoBL® 2-Mbit (256K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM MoBL2 4-Mb (256K x 16) Static RAM MoBL® 4-Mbit (256K x 16) Static RAM 5V, 3.3V, ISR High-Performance CPLDs Licorice Board (CY22150 Candy Board) EEPROM MoBL® 4-Mbit (512K x 8) Static RAM EEPROM MoBL2™ 4-Mb (256K x 16) Static RAM EEPROM MoBL® 2-Mbit (128K x 16) Static RAM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Bourns, Inc. 3M Company
|
CY62137FV30LL-45BVXI CY62137FV30LL-45BVXIT CY62137 |
2-Mbit (128 K 16) Static RAM
|
Cypress
|
CY62128EV30LL-45SXI CY62128EV30LL-45ZAXIT CY62128E |
1-Mbit (128 K 8) Static RAM
|
Cypress
|
CY62136FV30 CY62136FV30LL-45ZSXA |
2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
|
Cypress Semiconductor
|
CY7C1011CV33-10ZSXA |
2-Mbit (128 K × 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
|
Cypress Semiconductor
|
CY62126EV30 CY62126EV30LL CY62126EV30LL-45ZSXI CY6 |
1-Mbit (64 K x 16) Static RAM Automatic power down when deselected 1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
CY62138EV30 CY62138EV30LL-45BVXI CY62138EV3009 |
2-Mbit (256K x 8) MoBL Static RAM 2-Mbit (256K x 8) MoBL庐 Static RAM 2-Mbit (256K x 8) MoBL? Static RAM 2-Mbit (256K x 8) MoBL㈢ Static RAM
|
Cypress Semiconductor
|
XVB-C5B4 XVB-C4B4 XVB-L4B4 XVB-C38 XVB-L4B5 XVB-C2 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 4-Mbit (512K x 8) MoBL® Static RAM MoBL® 2-Mbit (128K x 16) Static RAM TetraHub High-Speed USB Hub Controller CY7C602xx Wireless; Memory Size: 8K; RAM: 256B; Vcc (V): 2.7-3.6V; Core: M8C; Code Memory Architecture: Flash; Development Kit: CY3655 镜头单元LED绿色24V 镜头单元闪烁的红 LENS UNIT LED ORANGE 24V 镜头组带领橙24V SMD IC USB DRIVER
|
STMicroelectronics N.V.
|
Y51-03 Y51-02 Y21-01 Y31-01 Y41-03 Y61-03 Y21-02 Y |
VALVE STARTUP 3/8 阀门启8 VALVE SHUT OFF 1/8 阀门关闭了1 / 8 VALVE STARTUP 1/2 阀门启 / 2 VALVE SHUT OFF 1/4 阀门关闭了1 / 4 VALVE SHUT OFF 3/4 VALVE STARTUP 1/4 IC SRAM 512KX36 2.5V SYN 100TQFP VALVE SHUT OFF 1/2 BRACKET T 1-Mbit (128K x 8) Static RAM IC MCU 8K FULL SPEED USB 28SDIP BRACKET L 1M/512K FAST ASYNC SRAM 5V, 3.3V, ISR High-Performance CPLDs 256K (32K x 8) Static RAM -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash SPACER EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller 1-Mbit (64K x 16) Static RAM 2M x 8 Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture BRANCH UNIT
|
AMIC Technology, Corp. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Harwin PLC
|
M420000004 M420000006 M420000007 M42000000I M42000 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|