PART |
Description |
Maker |
ADV3203 ADV3202 |
300 MHz, 32 × 16 Buffered Analog Crosspoint Switch
|
Analog Devices
|
LTC5508 LTC5508ESC6 LTC5508ESC6TRM LTC5508ESC6TRMP |
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 125°C 300 MHz - 7000 MHz RF/MICROWAVE LINEAR DETECTOR, 12 dBm INPUT POWER-MAX 300MHz to 7GHz RF Power Detector in SC70
|
Linear Technology, Corp.
|
ZSC-2-1-75BR |
0.25 MHz - 300 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS CASE M22 Power Splitter/Combiner 0.25 MHz - 300 MHz RF/MICROWAVE COMBINER, 1 dB INSERTION LOSS
|
Mini-Circuits
|
AD8174 AD8170-EB AD8174-EB AD8174AR AD8174AR-REEL |
2 Channel Buffered, 250MHz, 10 ns Multiplexer w/Amplier Dual Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C AD8170/AD817450兆赫10ns的开关多路复用器瓦特/放大器数据手册(版本00/96 Dual Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2 Channel Buffered, 250mHz, 0.1dB=85mHz, 1000V/usec, DIFF Phase/Gain .05/.02, 10nesc Switch, Iq=7.5mA, ±5V RAILS, Vout= ±3.8V, ... 250 MHz, 10 ns Switching Multiplexers w/Amplifier 250 MHz/ 10 ns Switching Multiplexers w/Amplifier 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial 4-CHANNEL, VIDEO MULTIPLEXER, PDSO14
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
AD801103 AD8011 AD8011AR-REEL AD8011AR-REEL7 AD801 |
300 MHz, 1 mA Current Feedback Amplifier OP-AMP, 6000 uV OFFSET-MAX, PDSO8 300 MHz Current Feedback Amplifier
|
Analog Devices, Inc.
|
VF161B-1-EG-FREQ VF160AHH-1-EG-FREQ VF160-1-EG-FRE |
CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 300 MHz, PECL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 300 MHz, ECL OUTPUT
|
VALPEY FISHER CORP
|
AD8116 AD8116JSTZ |
200 MHz, 16 3 16 Buffered Video Crosspoint Switch
|
Analog Devices
|
AD8108AST AD8109AST AD8108 AD8108-EB AD8109 AD8109 |
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
|
AD[Analog Devices]
|
AD8110 AD8110AST AD8110-EB AD8111 AD8111AST AD8111 |
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
|
AD[Analog Devices]
|
AD8116 AD8116-EB AD8116JST |
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
|
AD[Analog Devices]
|
QBH-223B |
5 MHz - 300 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
REMEC INC
|
FP6153-4 |
300 MHz - 1800 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SPECTRUM CONTROL INC
|