PART |
Description |
Maker |
XUM725125I XUM725125K XUM725125X XUX720125K XUX720 |
XU Family of Low Phase Noise Quartz-based PLL Oscillators
|
Integrated Device Techn...
|
PE3240 PE3240EK 3240-11 3240-12 3240-00 |
2.2 GHz UltraCMOS⑩ Integer-N PLL for Low Phase Noise Applications 2.2 GHz UltraCMOSInteger-N PLL for Low Phase Noise Applications 2.2 GHz UltraCMOS Integer-N PLL for Low Phase Noise Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
PLA10AN2230R4D2B PLA10AN3030R4R2B PLA10AN3021R3R2B |
165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C CHOKE 30MH CHOKE 10MH 扼流0MH CHOKE 1.8MH 扼流.8MH 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 扼流MH Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 扼流.9MH 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 扼流0MH 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 扼流3MH
|
Murata Manufacturing Co., Ltd. Infineon Technologies AG Leshan Radio Company, Ltd. Integrated Silicon Solution, Inc.
|
CVCSO-914-1000 |
Ultra-Low Phase Noise 1GHz SAW VCSO Ultra-Low Phase Noise 1GHz SAW VCSO
|
Crystek Corporation
|
S6R6G6R6GA |
Best Suited for Local Oscillator of Microwave Equipment with Low Phase Noise and Low Spurious Emission
|
NIHON DEMPA KOGYO
|
ADF4350 |
Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
|
Analog Devices
|
NSA3447D NSA3448C NSA3447E NSA3448E NSA3446C |
Low Phase Noise Type
|
NIHON DEMPA KOGYO
|
SP8402KGMPES SP8402 |
Very Low Phase Noise Divider by 2N
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
TFF11115HN |
Low phase noise LO generator
|
NXP Semiconductors N.V.
|
P521-29 |
Low Phase Noise PECL VCXO
|
PhaseLink Corporation
|