PART |
Description |
Maker |
F35-210143-A000G F35-090100-A000G F35-080250-A000G |
F35 UK Wall Mount 1-3 Watts Series
|
SL Power Electronics
|
D48-200600-A000G D48-150500-A000G D48-071300-A000G |
D48 Euro Wall Mount 7-14 Watts Series
|
SL Power Electronics
|
WMIHPU15-111X WMIHPU15-103X WMIHPU15-107X WMIHPU15 |
Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
|
Wall Industries,Inc.
|
WMSAW1412-X |
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
|
Wall Industries,Inc.
|
ROV05-751K |
RESISTOR, VOLTAGE DEPENDENT, 615 V, 22.5 J, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
TE Connectivity, Ltd.
|
WMM24-1Y24KE |
90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
|
Wall Industries,Inc.
|
APE5208 APEXX08 APE1008 APE0508 APE1508 APE2008 AP |
LJT 66C 66#22D SKT RECP LJT 11C 11#12 SKT WALL RECP very low cost voice and melody synthesizer with 4-bits CPU. Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-35 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-32 RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:19-66 RoHS Compliant: No
|
Aplus Integrated Circuits Inc. Apuls Intergrated Circuits
|
2403-263-00052 |
RECEIVER-615-2.5-SC-JULIA-HAC
|
Knowles Electronics
|
P6187WPG-24VDC P6187WPG-AC-US-EU |
Supports panel mount, wall mount and VESA mount
|
Axiomtek Co., Ltd.
|
I100N50X4 |
Flange Mount Termination 100 Watts, 50楼? Flange Mount Termination 100 Watts, 50Ω
|
Anaren Microwave
|
G150N50W4A |
Flange Mount Termination 150 Watts, 50楼? Flange Mount Termination 150 Watts, 50Ω
|
Anaren Microwave
|
AR10W-UP AR10WL |
Wall mount
|
Lumins Inc.
|