PART |
Description |
Maker |
TA035TCM226KER TA016TCM475MAR TA025TCM226MDR |
CAP CHP TANT 22UF 35V 10% CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 22 uF, SURFACE MOUNT 4.7 UF TANTALUM CAPACITOR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT CAP`TNT`SM`PLZ`22`UF`25V`20^```D-CASE CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT
|
Venkel, Ltd.
|
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
T350B225K025AT |
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 2.2 uF, /-10% Tol, 25 V, Lead Spacing=2.54 mm
|
Kemet Corporation
|
T350F226K016AT7301 |
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 22 uF, /-10% Tol, 16 V, Lead Spacing=2.54 mm
|
Kemet Corporation
|
135D606X0050T6 135D706X0015F2 135D405X0060C0 135D4 |
CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 43 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 55UF 125VDC 20% 10.32 X 28.6MM AXL PLASTIC - Trays CAP 560UF 10VDC 20% 7.93 X 17.88MM AXL PLASTIC - Trays CAP 560UF 25VDC 20% 9.53 X 19.46MM AXL PLASTIC - Trays CAP 30UF 6VDC 20% 5.57 X 13.08MM AXL PLASTIC - Trays Wet Tantalum Capacitors Tantalum-Case
|
Vishay Sprague Vishay Siliconix
|
VISHAYSPRAGUE-293D475X0025B2TE3 VISHAYSPRAGUE-293D |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 33 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 10 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 1411, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 4.7 uF, SURFACE MOUNT, 2413, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 4.7 uF, SURFACE MOUNT, 1411, CHIP, ROHS COMPLIANT 293D Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 4.7 uF, SURFACE MOUNT, 2413, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 47 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT VIS293D475X9035C2#E3 TANCAP 475 10% 35V CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 47 uF, SURFACE MOUNT, 1411, CHIP, ROHS COMPLIANT Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Chip Capacitors
|
Vishay Sprague Vishay Siliconix
|
TAJC107M006R TAJC107M010R TAJC226K025B TAJC226K025 |
CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2412 CAP 100UF 10V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2412 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2412 CHIP, LEAD FREE CAP 10UF 50V 10% TANT SMD-7343-31 TR-7 GOLD CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT, 2917 CAP 330UF 6V 10% TANT SMD-7343-31 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917
|
AVX, Corp.
|
G65SC22PEI3 G65SC22PEI1 G65SC22PEI2 G65SC22PEI4 G6 |
CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel 的CMOS多功能接口适配器间隔计时器/计数 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 10V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Peripheral Interface
|
California Micro Devices Co... California Micro Devices Corporation
|
TPSB156M010R600 TPSE337K010R60 TPSE227K010R60 TPSB |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT, 1411 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 330 uF, SURFACE MOUNT, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 220 uF, SURFACE MOUNT, 2917
|
AVX, Corp.
|
|