PART |
Description |
Maker |
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
T350F226K016AT7301 |
Capacitor, Tantalum, General Purpose Radial Conformal (Dipped), 22 uF, /-10% Tol, 16 V, Lead Spacing=2.54 mm
|
Kemet Corporation
|
135D606X0050T6 135D706X0015F2 135D405X0060C0 135D4 |
CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 43 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 55UF 125VDC 20% 10.32 X 28.6MM AXL PLASTIC - Trays CAP 560UF 10VDC 20% 7.93 X 17.88MM AXL PLASTIC - Trays CAP 560UF 25VDC 20% 9.53 X 19.46MM AXL PLASTIC - Trays CAP 30UF 6VDC 20% 5.57 X 13.08MM AXL PLASTIC - Trays Wet Tantalum Capacitors Tantalum-Case
|
Vishay Sprague Vishay Siliconix
|
TAJC107M006R TAJC107M010R TAJC226K025B TAJC226K025 |
CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2412 CAP 100UF 10V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2412 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2412 CHIP, LEAD FREE CAP 10UF 50V 10% TANT SMD-7343-31 TR-7 GOLD CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT, 2917 CAP 330UF 6V 10% TANT SMD-7343-31 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917
|
AVX, Corp.
|
B45196H1226K109 B45196H1226J209 B45198H B45198H122 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1500 uF, SURFACE MOUNT CHIP Tantalum Chip Capacitors HighCap
|
KEMET, Corp. EPCOS[EPCOS]
|
TAJB107M006RNJ TAJD107K016RNJ TAJB226M006RNJ TAJB2 |
General purpose SMT chip tantalum series Standard Tantalum
|
AVX Corporation
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
T491C226M004AS-F T491C226M035AS-F T491C226K035AS-F |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6 V, 10 uF, SURFACE MOUNT, 1206 CHIP Solid Tantalum Chip Capacitors
|
Cornell Dubilier Electronics, Inc.
|
G751-2P8 G751 G751-1P1 G751-2P1 |
Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Packaging: Tape & Reel Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
597D337X96R3V8T 597D687X96R3E2T |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 3017, CHIP Solid Tantalum Chip Capacitors
|
Vishay Sprague Vishay Siliconix
|
TLSVZD0G337M12RE TLSVZD0J107M12RE TLSVZD0G227M12RE |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 330 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 220 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 150 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT
|
NEC TOKIN, Corp.
|
|