PART |
Description |
Maker |
PRT-00449 |
SparkFun RS232 Shifter - SMD
|
SparkFun Electronics
|
PSV/30A-12 PSV/750C-12 PSV/1800E-63 PSV/1600E-15 P |
28.5 MHz - 31.5 MHz, 180 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 140 deg - RF/MICROWAVE PHASE SHIFTER 1665 MHz - 1935 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1480 MHz - 1720 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 902.5 MHz - 997.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 475 MHz - 525 MHz, 160 deg - RF/MICROWAVE PHASE SHIFTER 2312.5 MHz - 2687.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1110 MHz - 1290 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 807.5 MHz - 892.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 270 deg - RF/MICROWAVE PHASE SHIFTER
|
Astrodyne, Inc. MEAN WELL Enterprises Co., Ltd. NXP Semiconductors N.V.
|
HD74ALVC165245ATEL HD74ALVC165245A |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter 16-Bit Dual-supply Bus Transceiver with 3-state Outputs
|
RENESAS[Renesas Electronics Corporation]
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
IP4853CX24/LF135 |
SD, MMC and microSD memory card integrated level shifter with PSU, EMI filter and ESD protection; Package: NAX000; Container: Reel Pack, SMD, Large CMOS TO ECL TRANSLATOR, PBGA24
|
NXP Semiconductors N.V.
|
LTM2882CV-5-PBF LTM2882IV-5-PBF LTM2882CV-3-PBF LT |
Dual Isolated RS232 楼矛Module Transceiver Power Dual Isolated RS232 渭Module Transceiver Power Dual Isolated RS232 μModule Transceiver Power Dual Isolated RS232 μModule Transceiver Power
|
Linear Technology
|
100D0898-60MHZ-TNC 100D0898 100D0898-60MHZ-BNC 100 |
Phase Shifter 8 Section 30 MHz - 300 MHz, 0 deg - 358.6 deg RF/MICROWAVE PHASE SHIFTER
|
DAICO[DAICO Industries, Inc.]
|
SP207EH SP207EHCA SP207EHCP SP207EHCT SP207EHEA SP |
High Speed 5V High Performance RS232 Transceivers(5V,高高性能RS-232收发4收)) High Speed 5V High Performance RS232 Transceivers
|
SIPEX[Sipex Corporation]
|
RS232-BOX |
RS232 IN A BOX 盒中的RS232
|
ATM Electronic, Corp.
|
232C-868FR1 PSU12V1AIN PSU12V1AUK |
RS232 RADIO MODEM
|
rfsolutions.ltd
|
ELM327 ELM327P ELM327M |
OBD to RS232 Interpreter
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|