PART |
Description |
Maker |
LT3922 |
36V 2A Synchronous 2MHz Boost LED Driver
|
Linear Technology
|
MAX16936TEVKIT MAX16938RAUEA/V MAX16936SAUEA/V MAX |
36V, 220kHz to 2.2MHz Step-Down Converters with 28µA Quiescent Current
|
MAXIM - Dallas Semiconductor
|
MAX20003ATPA/VTGE |
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15µA Operating Current
|
MAXIM - Dallas Semiconductor
|
LM2904A LM2904A-TSR LM2904A-VR |
36V General Purpose Op Amps
|
3PEAK INC.
|
MPQ2451DG MPQ2451DG-AEC1 MPQ2451DT MPQ2451DT-AEC1 |
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
|
MPS Industries, Inc.
|
CLC2550 CLC4550 CLC4550ISO14X CLC2550ISO8X |
Low Power, Low Offset, 2V to 36V Comparators
|
Cadeka Microcircuits LLC.
|
AM26LS32CN AM26LS33AMJB AM26LS32CD-T AM26LS32MN |
Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
ON Semiconductor
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
BAT15-013 BAT15-013S BAT15-033 BAT15-034 BAT15-043 |
From old datasheet system Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz) 330MHz Buffered Video Switches Crosspoint Building Blocks Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps 500MHz, Low-Power Op Amps BBG LO PWR MULT MOD H FRE; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 400MHz, Ultra-Low-Distortion Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications) SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications) 伊雷尔硅肖特基二极管(伊雷尔分立半导体和微波探测器和培养基的应用垒二极管混频器) 350MHz, Ultra-Low-Noise Op Amps SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
EL2044 |
Op Amp, 120MHz, Unity-Gain Stable, Low Power 5.2mA, Dual or Single Supply (36V)
|
Intersil
|
|