PART |
Description |
Maker |
HM1-65789F-5 HM1-65789H-5 HM1-65789K-5 HM1-65789K- |
HID head lamp valve socket; HRS No: 765-0023-9 00; Operating Temperature Range (degrees C): -55 to 140; Generic Name: HID Lamp; General Description: Accessory; Shield clamp ECU interface connectors; HRS No: 757-0016-9 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer ECU interface connectors; HRS No: 757-0011-5 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer JIS C 5432 standard connectors, Small and lightweight interface; HRS No: 114-0053-8 71; Shell Size (dia): 13; Operating Temperature Range (degrees C): -25 to 85; General Description: Accessory; Receptacle cap; Screw lock x4 SRAM x4的SRAM
|
Electronic Theatre Controls, Inc.
|
DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
MHV2812S MHV2812D MHV2815D MHV2805D MHV2805S MHV28 |
Operating temperature -55掳 to 125掳C Input voltage range 16 to 50 VDC Operating temperature -55° to 125°C Input voltage range 16 to 50 VDC
|
Interpoint Corporation Company
|
GRM0332C1E180GA01 GRM0332C1E8R9DA01 GRM0335C1E390G |
Temperature characteristics (complied standard) Operating temperature range Capacitance
|
Murata Manufacturing Co...
|
GRM0115C1E1R7CE01 GRM0115C1E6R7CE01 GRM0112C1E1R6C |
Temperature range of temperature characteristics Temperature characteristics (complied standard) Temperature coefficient Rated voltage Operating temperature range
|
Murata Manufacturing Co...
|
1255AY-270M |
Operating temperature range
|
Murata Manufacturing Co...
|
1255AY-2R7N |
Operating temperature range
|
Murata Manufacturing Co...
|
OCVCXO-188A |
Compact OCVCXO (25×25×13.5mm) High stability Wide Operating Temperature Range
|
Kyocera Kinseki Corpotation
|
PE83501_06 83501-00 83501-11 83501-12 PE83501 PE83 |
3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
AM29F800 AM29F800B-1 AM29F800BB-120DGC AM29F800BB- |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only / Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 LED Lamp; Bulb Size:T-1; LED Color:Green; Luminous Intensity:110ucd; Viewing Angle:36 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1; LED Color:Red; Luminous Intensity:630ucd; Viewing Angle:10 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:780ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Blue/Green; Luminous Intensity:2200mcd; Viewing Angle:12 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:5000ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes RES 31.6 OHM 1/8W 1% 0805 SMD LED Lamp; LED Color:Blue; Luminous Intensity:50mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 80 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; LED Color:Orange; Luminous Intensity:60mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Red; Luminous Intensity:480ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes Dual Retriggerable Monostable Multivibrators 16-TSSOP -40 to 85 LED Lamp; Bulb Size:1.8mm; LED Color:Blue; Luminous Intensity:112mcd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-30 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes Am29F800B KGD (Known Good Die) Supplement ESD-Safe Illuminated Binocular Microscope; RoHS Compliant: Yes 1M X 8 FLASH 5V PROM, 90 ns, UUC44
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
KM641003A KM641003A-15 KM641003A-12 KM641003A-20 |
256KX4 HIGH SPEED STATIC RAM(5V OPERATING), REVOLUTIONARY PIN OUT OPERATED AT COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|