PART |
Description |
Maker |
MP8005DF |
13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
|
Monolithic Power System...
|
MAX5981AETE MAX5981B |
IEEE 802.3af/at-Compliant, Powered Device Interface
|
Maxim Integrated Products
|
MAX5969BETB MAX5969A MAX5969AETB MAX5969B |
IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
|
Maxim Integrated Products
|
NCP1090 NCP1091 NCP1092 NCP1092DG NCP1090DBRG NCP1 |
Integrated IEEE 802.3af PoE-PD Interface Controller
|
ON Semiconductor
|
FCS-1131-18 CAS-1400 |
Fixed IP Network Camera, 2-Megapixel, 802.3af PoE
|
Level One
|
MAX5986A MAX5987A MAX5987AETE MAX5986AETE |
IEEE 802.3af-Compliant, High-Efficiency, Class 1,Powered Devices with Integrated DC-DC Converter
|
Maxim Integrated Products
|
FCS-3061 |
Megapixel (1280 x 720) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
FGP-2410-16 |
26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE , 24 PoE Outputs, 240W
|
Level One
|
MP8001DS |
15W Power Over Ethernet PoE Powered Device (PD) Controller
|
Monolithic Power Systems
|
NCP1082DEG NCP1082DER2G NCP1082 |
Integrated 13 W PoE-PD & DC-DC Converter Controller with Auxiliary Supply Support (IEEE 802.3af) SWITCHING CONTROLLER, PDSO20 Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
|
ON Semiconductor
|