PART |
Description |
Maker |
ESDLC0524DFN10 |
Small package saves board space
|
Micro Commercial Compon...
|
MMST4124-7 |
200 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR ULTRA SMALL, PLASTIC PACKAGE-3
|
Diodes, Inc.
|
1SS351 |
Series connection of 2 elements in a small-sized package facilitates Small forward voltage
|
TY Semiconductor Co., Ltd
|
TC1026CEUA TC1026 TC1026CEOA TC1026CEPA TC1026CEOA |
The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. ... The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. This increased integration allows the user to replace two or three packages, which saves space, lowers s Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
|
MICROCHIP[Microchip Technology]
|
0524181690 |
2.00mm (.079) Pitch Board-to-Board Receptacle, Right Angle, Single Row, FrictionLock, 16 Circuits, Tube Package
|
Molex Electronics Ltd.
|
52418-1190 0524181190 |
2.00mm (.079) Pitch Board-to-Board Receptacle, Right Angle, Single Row, FrictionLock, 11 Circuits, Tube Package
|
Molex Electronics Ltd.
|
52418-0490 0524180490 |
2.00mm (.079) Pitch Board-to-Board Receptacle, Right Angle, Single Row, FrictionLock, 4 Circuits, Tube Package
|
Molex Electronics Ltd.
|
BSS138 |
TRANSISTOR 220 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB, PLASTIC PACKAGE-3, FET General Purpose Small Signal
|
Vishay Semiconductors
|
1SS193 |
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
|
TY Semiconductor Co., Ltd
|
AP2301BGN-HF AP2301BGN-HF-14 |
2.8 A, 20 V, 0.13 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Simple Drive Requirement, Small Package Outline
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electron...
|
MSA20 |
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide Package Number MSA20 20 -铅收缩小型封装(SSOP封装),EIAJ型二.3mm宽包MSA20
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|