PART |
Description |
Maker |
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
2-1437392-5 |
NEMA BLOCK, SIZE 130 END SECTION. MIN TERM BLOCK
|
Tyco Electronics
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
BLK-89 |
Coaxial DC Block SMA 0.0001 to 8 GHz 0.1 MHz - 8000 MHz RF/MICROWAVE INSIDE DC BLOCK, 0.9 dB INSERTION LOSS-MAX Coaxial DC Block SMA 0.0001 to 8 GHz
|
MINI[Mini-Circuits]
|
LH28F160BJHE-BTL70 |
16M-BIT(1Mbit x16/2Mbit x8)Boot Block Flash MEMORY(16M1Mx16/2Mx8)Boot Block 闪速存储器)
|
Sharp Corporation
|
LH28F160BVHE-BTL90 |
16M-BIT(2Mbit x8/1Mbit x16)Boot Block Flash MEMORY(16M2M位x8/1Mx16)Boot Block 闪速存储器)
|
Sharp Corporation
|
C-1546074 1-1546074-0 2-1546074-0 3-1546074-0 1-15 |
MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
|
Tyco Electronics
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
2000313 PM7339 |
SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK Quad Cell Delineation Block Device From old datasheet system
|
PMC[PMC-Sierra, Inc]
|
1722480000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-14; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
AGB3304 AGB3304_REV_0.0 AGB3304S24Q1 |
50 High IP3 Low Noise Wideband Gain Block Gain Block Amplifiers From old datasheet system 50з High IP3 Low Noise Wideband Gain Block
|
ANADIGICS[ANADIGICS, Inc]
|