PART |
Description |
Maker |
ADM1490E ADM1491E |
5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver 5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver (with Driver/Receiver Enable)
|
Analog Devices
|
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
ST1480AC ST1480ACDR ST1480ACN ST1480ABDR |
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
|
STMicroelectronics
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3441EASA MAX3443EASA MAX3443EAPA MAX3440EAPA MA |
5kV ESD-Protected, 0V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers LINE TRANSCEIVER, PDIP8 ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX3186 MAX3186CAP MAX3186CWP MAX3186EAP MAX3186EW |
±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Modems 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems ±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems 15kV ESD-Protected / EMC-Compliant / 230kbps RS-232 Serial Port for Modems 2.5-V/3.3-V Oscillator Gain Stage/Buffer with Enable 8-WSON -40 to 85 5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems LINE TRANSCEIVER, PDSO20 ??5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3374EEBL-T MAX3374EEKA-T MAX3390EEBC-T MAX3390E |
??5kV ESD-Protected, 1??, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP SPECIALTY INTERFACE CIRCUIT, PDSO14 15kV ESD-Protected, 1レA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD保护1µA16Mbps、双/四路、低电压电平转换器,UCSP封装 5kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Serdes (Serializer/Deserializer) Transmitter 56-TSSOP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ISL32374EFBZ ISL32374EFVZ ISL32374EIBZ ISL32374EIV |
QUAD, 卤16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 16-SOIC
|
Intersil Corporation
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|