PART |
Description |
Maker |
209-930-21-38 209-521-22-38 209-532-21-38 209-501- |
LED TELEFONSOCKELT5.5 24V GELB LED TELEFONSOCKELT5.5 12V GRUEN LED TELEFONSOCKELT5.5 12V GELB LED TELEFONSOCKELT5.5 12V ROT 发光二极管TELEFONSOCKELT5.5 12V的腐 LED TELEFONSOCKELT5.5 12V BLAU 发光二极管TELEFONSOCKELT5.5 12V的布 LED TELEFONSOCKELT5.5 28V GELB 发光二极管TELEFONSOCKELT5.5 28V的盖尔布 LED T5.5 SLIDE 12V WHITE 发光二极管T5.52V的白
|
Molex, Inc. Marl International Limited
|
19020357 19040257 19050357 |
LED 3 IN 7MM GEHAEUSE 24V BLAU LED 5 IN 10MM GEHAEUSE 12V BLAU LED 5 IN 10MM GEHAEUSE 24V BLAU 发光二极管在10毫米GEHAEUSE 5 24V的布
|
Chicago Miniature Lighting, LLC
|
HPR1XX HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 H |
DC/DC converter, input 15V, output 12V DC/DC converter, input 24V, output /-12V MINIATURE SIP, DIP AND SMD PACKAGES DC/DC converter, input 24V, output /-15V DC/DC converter, input 12V, output /-5V
|
CANDD[C&D Technologies]
|
19241254 19240354 |
LED 10 IN 16MM VERCHROMT 12V DREIFARBIG 发光二极管在16毫米VERCHROMT 10 12V的DREIFARBIG LED 10 IN 16MM HELL VERCHROMT 24V DREIF 发光二极管在16毫米地狱VERCHROMT 24V0 DREIF
|
Chicago Miniature Lighting, LLC
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
STK433-330N-E |
3channel class-AB Audio Power IC 150W 150W 150W
|
Sanyo Semicon Device
|
STK433-130-E |
Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W 150W
|
Sanyo Semicon Device
|
VS50B-12 VS50B-15 VS50B-24 VS50B-3 VS50B-5 VS150B- |
Single output 10W~150W External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:30W; Output Current:1.25A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:30W; Output Current:1.67A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes Switch Mode Power Supply; Output Power:28W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:2.3A; Leaded Process Compatible:No; Output Current:2.3A; Output Power Max:28W; Output Voltage:12V RoHS Compliant: No CAP .01UF 400V POLYPROPYLENE Single output 10W~150W 单输出功0W150
|
LAMBDA[DENSEI-LAMBDA] TE Connectivity, Ltd. Unity Opto Technology Co., Ltd.
|
9901-0024 9901-3060 9980-3000 9944-3000-00 9901-30 |
AC MODULE AC模块 LED MODULE LED模块 RELAISFASSUNG MODUL DIODE LED INDUSTRIERELAIS LED ANZEIGE RELAISFASSUNG MODULE RC SERIES RELAISFASSUNG MODUL LED RELAISFASSUNG VARISTOR INDUSTRIERELAIS LED MODUL 24V DIODE LED MODULE DIODE MODULE INDUSTRIERELAIS DIODENMODUL RELAISFASSUNG DIODE INDUSTRIERELAIS LED/DIODE 25-60V INDUSTRIERELAIS LED-MODUL 24V
|
SIEMENS AG N/A
|
|