PART |
Description |
Maker |
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
74F00 74F00SJX 74F00PC 74F00PCX 74F00SC 74F00SCX 7 |
Quad 2-Input NAND Gate From old datasheet system Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate 输入与非
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MC74LCX00 MC74LCX00D MC74LCX00DT MC74LCX00M MC74LC |
0.8 to 1.8 V 12-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14 1.2 to 5.5 V 12-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 From old datasheet system Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
|
Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
HCS132MS HCS132D HCS132DMSR HCS132HMSR HCS132K HCS |
NAND-Gate, 2-Input, Schmitt Trigger, Quad, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Quad 2-Input NAND Schmitt Trigger RESISTOR NETWORK; THR; BUSSED; 4.7K OHM X 15 HC/UH SERIES, QUAD 2-INPUT NAND GATE, CDIP14
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
74LVX00MTR 74LVX00TTR |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
|
ST Microelectronics
|
74LVX132MTC08 74LVX132M08 |
Low Voltage Quad 2-Input NAND Schmitt Trigger
|
Fairchild Semiconductor
|
74LVC00A 74LVC00ATTR 74LVC00AMTR |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE HIGH PERFORMANCE
|
STMicroelectronics
|
MC74LCX00-D |
Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
|
ON Semiconductor
|
74LVC00AM 74LVC00AMTR 74LVC00ATTR |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE HIGH PERFORMANCE
|
ST Microelectronics
|
HEF4093BT-T HEF4093BP |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-input NAND Schmitt trigger
|
NXP Semiconductors N.V.
|