PART |
Description |
Maker |
1028075 |
Distribution block - PTFIX 2X2,5 VT
|
PHOENIX CONTACT
|
MY51W MY51 MY51C MY51D MY51T |
Terminal Block; Number of Positions:3; Wire Size (AWG):14-4; Number of Contacts:3; Terminal Block Clamp Type:Power Distribution Block YELLOW LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|
PDBFS204 PDBFS220 PDBFS500 PDBFS504 PDBFS303 PDBFS |
Enclosed Power Distribution Block Offer High SCCR
|
http:// Cooper Bussmann, Inc.
|
APEKA3224MGC |
3.2x2.4mm RIGHT ANGLE SMD CHIP LED LAMP 3.2x2.4mm直角贴片发光二极
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation]
|
APEKA3224SURC |
SINGLE COLOR LED, HYPER RED, 2.6 mm 3.2x2.4mm RIGHT ANGLE SMD CHIP LED LAMP 3.2x2.4mm直角贴片发光二极
|
KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
ISL6116 ISL6120 ISL6120CB ISL6120CB-T ISL6120CBZA |
Controller, Hot Swap, Power Distribution, Single 2.5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 3.3V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 12V Control, IntelliTripCurrent Regulation, PGOOD Always Enabled Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 Power Distribution Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
|