PART |
Description |
Maker |
RT-375-1/16-X-4FT RNF-100-1/2-5-4FT RNF-100-3/8-5- |
Metal Film Resistor - RN 1/4 T2 590K 1% A HEAT SHRINK WHT 1.2M HEAT SHRINK CLR 1.2M 热缩CLR120 HEAT SHRINK BLK 1.2M 热缩120万座 HEAT SHRINK YEL 1.2M 热缩杨氏120 HEAT SHRINK BLU 1.2M 热缩背光120 HEAT SHRINK RED 1.2M 热缩120 HEAT SHRINK GRN 1.2M 热缩GRN 120 HEAT SHRINK CLR 1.2M 热缩CLR20
|
CTS, Corp. Euroquartz, Ltd. TE Connectivity, Ltd. NIC Components, Corp.
|
CF-3000-LOC-0 |
Sleeve receiver for 0.5 mm2 sleeves
|
PHOENIX CONTACT
|
QSB-119-01 QSB-92-01 |
EMI Filter Shields for QLM Sleeves
|
Qualtek Electronics Corporation
|
MJD44H11 |
Lead Formed for Surface Mount Applications in Plastic Sleeves
|
TY Semiconductor Co., Ltd
|
CRIMPFOX-UC-6-PLUS |
Crimping pliers with guide for non-insulated slip-on connection sleeves 4.8 - 6.3 and 9.5 mm
|
PHOENIX CONTACT
|
RMK-18X20-A4 EC6504-000 RMK-25X100-A4 RMK-50X25-A4 |
TMS-SCE Military grade heat shrinkable wire identification sleeves
|
Tyco Electronics
|
CF-500LOC-SCF-2 |
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 2.8...), 0.1 - 1.5 mm2, width: 2.8 mm,length 5 mm
|
PHOENIX CONTACT
|
MC908QB4 MC908QB8 MC68HC908QB4 MC68HC908QB8 MC908Q |
To provide the most up-to-date information, the revision of our documents
|
FREESCALE[Freescale Semiconductor, Inc] ETC
|
SP95 SP381 SP64 SP254 |
Heat Shrink
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
770-001 |
Shrink Boot
|
Glenair, Inc.
|
M85049-49-59W40 M85049-49-59W44 M85049-49-59A20 M8 |
Shrink Boot Adapter
|
Glenair, Inc.
|
M85049-62-10W |
SHRINK BOOT ADAPTOR
|
Amphenol Corporation
|