PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
C005YK1R0ABSTR C005YK1R3ABSTR C005YJ0R2ABSTR C005Y |
Ultra-Miniature 01005 Size Accu-P?
|
AVX Corporation
|
PCN11F-24S-2.54PFB-2 PCN11F-24S-2.54WB-2 PCN11F-42 |
PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type) Dual SPDT IC SW SPDT DUAL 10-TQFN 3.0V, SOTiny, 0.4-Ohm SPDT Analog Switch Portable Cordage; Number of Conductors:2; Conductor Size AWG:18; Jacket Material:Rubber; Approval Bodies:UL, CSA; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Spool Length:50ft; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:45ohm RoHS Compliant: Yes T&R / ACCU-F/P RoHS Compliant: Yes CAP 2200PF 10V 10% X7R SMD-0402 TR-7 PLATED-NI/SN CABLE, 8451, 1PAIR, 30.5M; Cores, No. of:2; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:3.43mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Black; RoHS Compliant: Yes CAP 15PF 10V 1% THIN-FILM SN90/PB10/NI 60PPM TR-7-PA CAP 8.2PF 10V /-0.1PF THIN-FILM SN90/PB10/NI 30PPM TR-7-PA CAP 12PF 10V 1% THIN-FILM SN90/PB10/NI 30PPM TR-7-PA PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type) PCN10F系列(产品符合符合DIN标准:同轴和高电流跟复合型)
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
ZTL432BQFFTA ZTL431AQFFTA ZTL431BQFFTA ZTL432AQFFT |
AUTOMOTIVE COMPLIANT ADJUSTABLE PRECISION SHUNT REGULATOR
|
Diodes Incorporated
|
ZLDO1117QK25TC ZLDO1117QK12TC ZLDO1117QG25TA ZLDO1 |
AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
|
Diodes Incorporated
|
T591B686M006ATE070 T591B336M006ATE080 |
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
|
Kemet Corporation
|
QVS212CGR75CDHT |
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
|
Taiyo Yuden (U.S.A.), I...
|
QVS212CG0R7CDHT |
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
|
Taiyo Yuden (U.S.A.), I...
|
QVS212CG030BDHT |
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
|
Taiyo Yuden (U.S.A.), I...
|
3KASMC10AHE3/9AT 3KASMC10AHE3/57T 3KASMC24A |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
|
Vishay Siliconix http://
|
TPSMC7.5 TPSMC7.5A TPSMC6.8A TPSMC6.8AHE3_57T TPSM |
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
|
Vishay Siliconix
|