PART |
Description |
Maker |
RSR020N06 RSR020N0612 |
Nch 60V 2A Power MOSFET
|
Rohm
|
RSR030N06 RSR030N0612 |
Nch 60V 3A Power MOSFET
|
Rohm
|
RSD221N06 |
Nch 60V 22A Power MOSFET
|
Rohm
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
IRF9Z14 |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A)
|
IRF[International Rectifier]
|
FS70UMJ-2 |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 70 A, 100 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
STS7NF60L |
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET II POWER MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFETII POWER MOSFET N沟道60V 0.017欧姆- 7.5A的SO - 8封装STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.017 OHM - 7.5A SO-8 STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|