PART |
Description |
Maker |
RJK005N03FRA |
Nch 30V 500mA Small Signal MOSFET
|
Rohm
|
US6U37 US6U37TR |
2.5V Drive Nch SBD MOSFET SMALL SIGNAL, FET
|
Rohm
|
RSR015P06FRA |
Pch -60V -1.5A Small Signal MOSFET
|
Rohm
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
BSP171P |
Low Voltage MOSFETs - Small Signal MOSFET, -60V, SOT-223, RDSon = 0.30
|
Infineon
|
FQT13N06L FQT13N06LTF FQT13N06LL99Z |
60V LOGIC N-Channel MOSFET 60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET 2800 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
ZXMN6A08E6_06 ZXMN6A08E6 ZXMN6A08E6TA ZXMN6A08E6TC |
2800 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 60V N-CHANNEL ENHANCEMENT MODE MOSFET
|
ZETEX PLC ZETEX[Zetex Semiconductors]
|
FAN1086D-2.85 FAN1086S-3.3 FAN1086S-2.5 FAN1086M-2 |
Neuron ICs; Max. Input Clock: 20 MHz; EEPROM: 2 KB; RAM: 2 KB; ROM: 16 KB; Package: 32 pin SOP; External Memory I/F: No ; Sensitivity dBµmV: 93 ~ 107; Package: SSOP16; Production Status: MP FETs Nch 30VFETs Nch 30VPhase Lock Loop; Dual or Single: Single; Features: Integer - N; Power Supply V: 2.4 ~ 3.5; ImA: 4.8; Input FMHz: 700 ~ 1800; Operating Freq-MHz: 5 ~ 25; Sensitivity dBµmV: 92 ~ 107; Package: SSOP10; Production Status: MP FETs Nch 30VFETs Nch 30VFETs Nch 30VMOSFETs - Nch VDSS=30V; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; R DS On (Ω): (max 0.018) (max 0.013) (max 0.012); I_S (A): (max 6) FETs Nch 30VFETs Nch 30VFETs Nch 30VFETs Nch 30VTHREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 积极的固定电压稳压器 FETs Nch 30V<VDSS=60V; ; Package: TO-3P(N); R DS On (O): (max 0.055) (max 0.03); I_S (A): (max 45) FETs Nch 30V<VDSS=60V; Surface Mount Type: N; Package: TO-220NIS; R DS On (O): (max 0.025) (max 0.017); I_S (A): (max 45)
|
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
BSS159N BSS169N |
Low Voltage MOSFETs - Depletion MOSFET, 60V, SOT-23,RDSon = 8Ohm, 0.13A, NL SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
BSS192P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-89, RDSon = 12 SIPMOS Small-Signal-Transistor OptiMOS -P Small-Signal-Transistor
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|