PART |
Description |
Maker |
RSQ015N06FRA |
Nch 60V 1.5A Power MOSFET
|
ROHM
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDD5353 |
60V N-Channel Power Trench MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 11.5 A, 60 V, 0.0123 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Power Trench㈢ MOSFET 60V, 50A, 12.3mヘ N-Channel Power Trench? MOSFET 60V, 50A, 12.3mΩ
|
Fairchild Semiconductor, Corp.
|
IRFZ48V IRFZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
|
IRF[International Rectifier]
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|
IRFZ44E IRFZ44EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
|
IRF[International Rectifier]
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF9Z14 |
-60V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A)
|
IRF[International Rectifier]
|
IRF1010E IRF1010EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 84A条? Power MOSFET(Vdss=60V/Rds(on)=12mohm/Id=84A
|
International Rectifier, Corp.
|
IRF9Z24L IRF9Z24S IRF9Z24STRR IRF9Z24STRL |
-60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-60V/ Rds(on)=0.28ohm/ Id=-11A) Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
|
IRF[International Rectifier]
|
FS3UM-16A |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 3 A, 800 V, 3.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. Powerex Power Semiconductors Mitsubishi Electric Corporation
|