PART |
Description |
Maker |
R1120N501B-TL R1120N301A-TL R1120N501ATR R1120N501 |
LOW NOISE 150mA L.D.O REGULATOR FIXED POSITIVE LDO REGULATOR, PDSO5 CAP 0.27UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 FIXED POSITIVE LDO REGULATOR, PDSO5 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 LOW NOISE 150mA L.D.O REGULATOR 低噪50mA的LDO稳压
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
R1120N R1120N301A R1120N301A-TL R1120N301A-TR R112 |
Low noise 150mA LDO regulator. Output voltage 2.3V. H active type. Taping specification TL. LOW NOISE 150mA L.D.O REGULATOR
|
RICOH[RICOH electronics devices division]
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX8877-MAX8878 MAX8877EUK33-T MAX8877EUK50-T MAX8 |
From old datasheet system VOLT REGULATOR|FIXED| 3.3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 5V|CMOS|TSOP|6PIN|PLASTIC 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 1.8 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 2.7 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.6 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 4.2 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC 3 V FIXED POSITIVE LDO REGULATOR, 0.12 V DROPOUT, UUC Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
GM6155 GM6155-2.9ST25R GM6155-3.0ST25R GM6155-3.3S |
150mA LOW - NOISE LDO REGULATOR
|
List of Unclassifed Manufacturers ETC[ETC]
|
L1131CG-XX-AF5-R L1131CL-XX-AF5-R L1131C11 |
LOW NOISE 150mA LDO REGULATOR
|
Unisonic Technologies
|
SS8014G SS8014GTR |
150mA Low-Noise LDO Regulator
|
Silicon Standard Corp.
|
R1114 |
LOW NOISE 150mA LDO REGULATOR
|
RICOH
|
R1116N301B R1116N301D R1116N171B R1116N171D R1116D |
LOW NOISE 150mA LDO REGULATOR
|
RICOH electronics devices division
|
R1114N151D R1114D341D R1114D341B R1114D311A |
LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压
|
Ricoh Co., Ltd.
|
LR1102A-50-AF5-R LR1102X-XX-AF5-R LR1102XL-XX-AF5- |
LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|