PART |
Description |
Maker |
2023-8024 2023-8230 2022-9024 |
RELAIS STEP MODULAR 24VA RELAIS STEP MODUL. 230VA RELAIS STEP MODULAR 24VD 继电器步模块4VD
|
Molex, Inc.
|
MP2494DS MP2494DN |
2A, 55V, 100kHz Step-Down Converter
|
Monolithic Power Systems
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFRU1205 IRFU1205 IRFR1205 IRFR1205TRR INTERNATIO |
(IRFR1205 / IRFU1205) Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A)
|
International Rectifier
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9Z34NL IRF9Z34NS IRF9Z34NSTRL IRF9Z34NSTRR |
Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A) Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
STB185N55F3 STP185N55F3 |
120 A, 55 V, 0.0035 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel 55V - 3.2m楼? - 120A - D2PAK/TO-220 STripFET垄芒 Power MOSFET N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET?/a> Power MOSFET N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET Power MOSFET N-channel 55V - 3.2mヘ - 120A - D2PAK/TO-220 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
V357.006449 V371 V384 V373 V321 V377 V315 V319 V30 |
BATTERIE KNOPFZELLE 1.55V D6.8 H2.15 BATTERIE KNOPFZELLE 1.55V D9.5 H3.6 BATTERIE KNOPFZELLE 1.55V D7.9 H5.4 BATTERIE KNOPFZELLE 1.55V D7.9 H2.1 BATTERIE KNOPFZELLE 1.55V D11.6 H4.2 BATTERIE KNOPFZELLE 1.55V D11.6 H2.1 BATTERY BUTTON CELL 1.5V 1.5V的电池扣式电 BATTERIE KNOPFZELLE 1.55V D11.6 H5.4 巴特里KNOPFZELLE 1.55V的D11.6 H5.4 BATTERY SILVER OXIDE BUTTON
|
TE Connectivity, Ltd. Ecliptek, Corp.
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
HUF75332G305 HUF75332S3S HUF75332G3 HUF75332P3 HUF |
55V N-Channel UltraFET Power MOSFET 60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
MPQ4559DN |
1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
|
Monolithic Power System...
|