PART |
Description |
Maker |
MIW10 |
fully regulated output voltage
|
Minmax Technology Co., ...
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
P6DG-054R8E P6DG-244R8E P6DG-124R8E |
Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
ADP3604 ADP3604AR |
Switched Capacitor Voltage Converter w/Regulated Output - up to 120mA Switched Capacitor Voltage Converter with Regulated Output
|
AD[Analog Devices]
|
AGH100-48S3V3-4L |
Half Brick Fully Regulated DCDC Converter
|
Artesyn Technologies
|
AN1293 |
USING THE VB409 TO SUPPLY A NEGATIVE REGULATED OUTPUT VOLTAGE
|
SGS Thomson Microelectronics
|
ADP3603 |
Switched Capacitor Voltage Converter w/Regulated Output - up to 50mA
|
Analog Devices
|
MAX682 MAX682ESA MAX683 MAX684EUA MAX683EUA MAX684 |
From old datasheet system 3.3V-Input to Regulated 5V-Output Charge Pumps(3.3V输入电压,可调,5V输出电荷 3.3V-Input to Regulated 5V-Output Charge Pumps 0.1 A SWITCHED CAPACITOR REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
|