PART |
Description |
Maker |
MP2016 MP2016DD MP2016DJ |
42V, 30mA, Low Power Adjustable Output Linear Regulator
|
Monolithic Power Systems
|
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|
SMB137C |
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
|
Summit Microelectronics, Inc.
|
U040-06N-MIC-F |
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
|
Tripp Lite. All Rights ...
|
WS57C43 WS57C43C WS57C43C-25D WS57C43C-25J WS57C43 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% HIGH SPEED 4K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BA403 BA401 BA305 BC105 BC102 BC204 BA204 BA103 BC |
DC to DC Converter - Datasheet Reference DC/DC Converters CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL Architecture Cyclone II FPGA 5K TQFP-144 DC to DC Converter DC至DC转换 CY2304NZ Four Output PCI-X and General Purpose Buffer DC至DC转换
|
XPiQ Inc. Intel, Corp.
|
FMS6502MTC24 FMS6502MTC24X FMS6502 |
8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
|
FAIRCHILD[Fairchild Semiconductor]
|
S7AH-07C S7AH-07C090 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 非隔离式DC / DC转换.3V输入/0.9V - 2.5V输出/ 7A NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 1-OUTPUT 6.3 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
CY7C68300C CY7C68301C CY7C68320C CY7C68321C |
EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge(EZ-USB AT2LP USB 2.0到ATA/ATAPI桥接 的EZ - USB AT2LP产品的USB 2.0的ATA / ATAPI桥(的EZ - USB AT2LP产品的USB 2.0到ATA / ATAPI接口桥接器)
|
Cypress Semiconductor Corp.
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|