PART |
Description |
Maker |
L130-5080001400001 L130-3080001400001 L130-3580001 |
Hot color targeted industry standard package for uniformed light
|
Lumileds Lighting Company
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
L3235N 8425 |
HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS From old datasheet system HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
|
ST Microelectronics STMicroelectronics
|
PO74HSTL85353A PO74HSTL85353ASR PO74HSTL85353ASU P |
The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications. 300MHz HSTL Potato Chip
|
Potato Semiconductor Corporation Potato Semiconductor Corpor...
|
FT311D-32L1C FT311D-32Q1C DSFT311D |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
|
Future Technology Devices International Ltd.
|
BQ25713 BQ25713RSNR BQ25713RSNT |
<font color=red>[Old version datasheet]</font> I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
|
TI store
|
Q62703-Q3500 Q62703-Q3502 Q62703-Q3503 LSA676-P LS |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper SIDELED Hyper-Bright LED 超SIDELED超高亮LED
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG TE Connectivity, Ltd.
|
AV60C-048L-033F10 AV60C-048L-150F10 AV60C-048L-033 |
Industry standard pin-out & performance 100°C baseplate temperature (no derating) Industry standard pin-out & performance 100掳C baseplate temperature (no derating) Industry standard pin-out & performance 100隆?C baseplate temperature (no derating) 50-150 Watts
|
Emerson Network Power ASTEC[Astec America, Inc]
|
PCA9513 PCA9513D PCA9513DP PCA9514D PCA9514DP PCA9 |
PCA9513; PCA9514; Hot swappable I²C and SMBus bus buffer Hot swappable I2C and SMBus bus buffer Hot swappable IC and SMBus bus buffer
|
PHILIPS ICST[Integrated Circuit Systems]
|
MX574A MX574AJCWI MX574AJEPI MX574AJEWI MX574AJN M |
Industry Standard Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 JT 10C 10#20 PIN RECP 行业标准完整2位A / D转换 Analog to Digital Converter Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Iudustry Standard Complete 12-Bit A/D Converters Industry-Standard, 12-Bit ADC with Reference
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
FT312D FT312D-32L1C FT312D-32Q1C FT312D-32Q1C-R FT |
The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. USB Android Host IC
|
Future Technology Devic...
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|