PART |
Description |
Maker |
UESD5.0DT5G UESD6.0DT5G UESD3.3DT5G |
ESD Protection Diodes - In Ultra Small SOT−723 Package
|
ONSEMI[ON Semiconductor]
|
MCP3001 MCP3001T-I/SN MCP3001T-I/ST MCP3001-I/P MC |
The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3001 features a successive approximation register (SAR) The MCP3001 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... 2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
|
Microchip Technology
|
NTK3043N NTK3043NT1G NTK3043NT5G |
Power MOSFET 20 V, 285 mA, N-Channel with ESD Protection, SOT-723; Package: SOT-723 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 8000 210 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET 20 V, 285 mA, N−Channel with ESD Protection, SOT−723
|
ON Semiconductor
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
MCP3204-CI/P MCP3204-CI/SL MCP3204-CI/ST MCP3208-C |
The MCP3204 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3208 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ...
|
Microchip
|
MCP3004T-I/SL MCP3004T-I/ST MCP3004-I/P MCP3004-I/ |
The MCP3004 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3008 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ...
|
Microchip
|
NTS4409NT1G |
Small Signal MOSFET 25 V, .75 A, Single N-Channel, ESD Protection, SC-70/SOT-323; Package: SC-70 (SOT-323) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 700 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
ZUMT591 |
Zener Diode; Application: Low noise; Pd (mW): 250; Vz (V): 4.3 to 4.7; Condition Iz at Vz (mA): 0.5; C (pF) max: -; Condition VR at C (V):   ESD (kV) min: -; Package: MHD 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
AP2309AGN-HF |
3.4 A, 30 V, 0.075 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Simple Drive Requirement, Small Package Outline
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
AP2305BGN-HF AP2305BGN-HF-14 |
4.2 A, 20 V, 0.053 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Simple Drive Requirement, Small Package Outline
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electron...
|
MAX6432FGUS-T MAX6432BGUS-T MAX6432OQUS-T MAX6432O |
Super Voltage Converter; Temperature Range: 0°C to 70°C; Package: 8-SOIC ±15kV ESD Protected, 3V to 5.5V, 1mA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 28-TSSOP ±15kV ESD Protected, 3V To 5.5V, 1mA, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 28-SSOP T&R 1.4MHz, Low Power CMOS Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1.4MHz, Low Power CMOS Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-PDIP ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-TSSOP T&R CMOS Static Clock Controller/Generator; Temperature Range: -55°C to 125°C; Package: 24-FlatPack Programmable Low Power Op Amp; Temperature Range: -55°C to 125°C; Package: 10-FlatPack Quad, 5.0V Differential Line Rcvr, TTL Enable; Temperature Range: -55°C to 125°C; Package: 16-FlatPack 3.3V Quad Differential Line Driver; Temperature Range: -55°C to 125°C; Package: 16-FlatPack Low Noise Quad Operational Amplifier; Temperature Range: -55°C to 125°C; Package: 14-FlatPack ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 20-SSOP T&R 1mA, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 20-TSSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12-Bit NCO 28 SOIC, 40MHz, COMM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 18-SOIC T&R CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 5V Powered, Dual RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Programmable Data Buffer; Temperature Range: 0°C to 70°C; Package: 44-PLCC ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 28-SSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-SSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R Serial I/O Filter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP 1µA Supply-Current, 3V to 5.5V, 250kbps or 1000kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-SSOP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.4MHz, Low Power CMOS Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Decimating Digital Filter; Temperature Range: - 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-TSSOP T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low-Power Single/Dual-Level Battery Monitors with Hysteresis 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1mA, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 28-SSOP T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 28-TSSOP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-SSOP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1µA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 20-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SSOP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ±15KV ESD Protected, 1µA Supply-Current, 3V to 5.5V, 250kbps or 1000kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-SSOP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Dual, Non-Inverting Power MOSFET Drivers; Temperature Range: -; Package: 16-FlatPack 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Four-Channel Programmable Digital DownConverter; Temperature Range: -40°C to 85°C; Package: 196-BGA 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-SSOP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.4MHz, Low Power CMOS Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-SSOP T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 12-Bit NCO 28 SOIC, 40MHz, COMM; Temperature Range: 0°C to 70°C; Package: 28-PDIP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Low-Power Single/Dual-Level Battery Monitors with Hysteresis 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Dual FIR Filter; Temperature Range: 0°C to 70°C; Package: 100-MQFP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Numerically Controlled Oscillator/Modulator; Temperature Range: 0°C to 70°C; Package: 160-MQFP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Analog IC 模拟IC ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SOIC 模拟IC ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 模拟IC
|
Maxim Integrated Products, Inc.
|
|