PART |
Description |
Maker |
Q62702-A1050 BAS16W |
Silicon Switching Diode (For high speed switching applications) 0.25 A, SILICON, SIGNAL DIODE From old datasheet system
|
SIEMENS AG Siemens Semiconductor Group
|
SMBD2835 SMBD2836 Q68000-A8436 Q68000-A8547 |
Silicon Switching Diode Array 0.25 A, 2 ELEMENT, SILICON, SIGNAL DIODE From old datasheet system Silicon Switching Diode Array with co...
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
MMBD4448HW-7-F |
Switching Diodes SURFACE MOUNT SWITCHING DIODE 0.25 A, 80 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
CMPD3003C CMPD3003A CMPD3003S CMPD300310 CMPD3003C |
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE 0.6 A, 180 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp
|
BAS116LT1D BAS116LT3G BAS116LT1G |
Switching Diode Switching Diod 0.2 A, 75 V, SILICON, SIGNAL DIODE, TO-236AB
|
ON Semiconductor
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
Q62702-X143 BXY42BA-3 |
PUBLICATIONS, BOOKS RoHS Compliant: NA SILICON, PIN DIODE Silicon PIN Diode (Fast switching In stripline package other lead configurations available)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
HVU145 |
Diodes>Switching Silicon Epitaxial Planar Pin Diode for Antenna Switching
|
Renesas Electronics Corporation
|
|