PART |
Description |
Maker |
A759MS826M1JAAE050 |
Polymer Aluminum, 125C LowZ, A759, 82 uF, 20%, 63 V, -55/ 125C, Lead Spacing = 5mm
|
Kemet Corporation
|
A759BQ226M1VAAE080 |
Polymer Aluminum, 125C LowZ, A759, 22 uF, 20%, 35 V, -55/ 125C, Lead Spacing = 2mm
|
Kemet Corporation
|
PCG0J222MCL1GS PCG1A102MCL1GS PCG1C470MCL1GS |
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon Corporation Nichicon, Corp.
|
EEFSX0D331XE EEFSX0D331ER EEFSX0D331E4 EEFSX0D271X |
SP Cap Conductive Polymer Aluminum Capacitors Specialty Polymer Aluminum Capacitors SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
|
Panasonic Semiconductor PACELEADER INDUSTRIAL
|
PCJ0E181MCL1GS PCJ0G561MCL9GS |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 180 uF, SURFACE MOUNT 3.0 MHz, 600 mA Step-Down DC-DC Converter CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
GBP2010 GBP206 GBP208 GBP2005 GBP201 GBP202 GBP204 |
Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 16V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x8 mm; Packaging: Tape & Reel 2.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
APS-4R0ELL561MHB5S APS-100ELL561MJC5S APS-4R0ETD56 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 35 V, 18 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 20 V, 150 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 25 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 16 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 20 V, 100 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 16 V, 180 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|
RHT0J681MDN1XX FP-010RE331M-HTXX FP-020RE151M-HTXX |
FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACIOTRS FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
|
Nichicon corporation
|
EST568M6R3AL6AA |
Aluminum Electrolytic, 105C LowZ, EST, 5600 uF, 20%, 6.3 V, -40/ 105C, Lead Spacing = 5mm
|
Kemet Corporation
|
EST228M025AL6AA |
Aluminum Electrolytic, 105C LowZ, EST, 2200 uF, 20%, 25 V, -40/ 105C, Lead Spacing = 5mm
|
Kemet Corporation
|
EST477M063AL8AA |
Aluminum Electrolytic, 105C LowZ, EST, 470 uF, 20%, 63 V, -40/ 105C, Lead Spacing = 5mm
|
Kemet Corporation
|
|