PART |
Description |
Maker |
ICS8701-01YT ICS8701-01 ICS8701-01Y |
LOW SKEW , CLOCK GENERATOR W/POLARITY CONTROL LOW SKEW ÷1, ÷2 CLOCK GENERATOR W/POLARITY CONTROL
|
Integrated Circuit Systems
|
PE9604 |
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
|
Pasternack Enterprises, Inc.
|
MA03503D_1 MA03503D1 |
Control Chip, Parallel Input Gain/Phase Control 8.0-11.0 GHz
|
MACOM[Tyco Electronics]
|
REL-IR2-LDP-12DC |
Plug-in industrial relay with power contacts, 2 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1 , A2-, input voltage 12 V DC
|
PHOENIX CONTACT
|
REL-IR4 |
Plug-in industrial relay with power contacts, 4 changeover contacts, test key, mechanical switch position indicator, polarity: bipolar, input voltage: 24 V DC
|
PHOENIX CONTACT
|
HM628512BI HM628512BLFPI-7 HM628512BLFPI-8 HM62851 |
4 M SRAM (512-kword x 8-bit) Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Single Ic = 100 mA; Package: PG-SOT323-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R<sub>1</sub> (typ): 47.0 kOhm; R<sub>2</sub>: 47.0 k?; h<sub>FE</sub> (min): 70.0; V<sub>i (on)</sub> (min): 1.0 2mA / 0.3V;
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
2N3506 2N3506L 2C3506 2N3507L 2N3507 |
Chip Type 2C3506 Geometry 1506 Polarity NPN 片式2C3506几何1506极性npn Type 2N3506L Geometry 1506 Polarity NPN
|
SEMICOA[Semicoa Semiconductor]
|
SAT600 |
AC/DC input control
|
Solid State Optronic
|
TDA6200 Q67000-A2461 |
TV Stereo Tone Control IC with Quasi-Stereo Section, Channel 1/2 Switch, SCART Input, and I2C Bus Control TV Stereo Tone Control IC with Quasi-Stereo Section/ Channel 1/2 Switch/ SCART Input/ and I2C Bus Control TV Stereo Tone Control IC with Quasi-Stereo Section, Channel 1/2 Switch, SCART Input, and I2C Bus Control TV Stereo Tone Control IC with Quasi-Stereo Section, Channel 1/2 Switch, SCART Input, and I2C Bus Control
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
2N5154L |
Chip Type 2C5154 Geometry 9201 Polarity NPN Type 2N5154L Geometry 9201 Polarity NPN
|
SEMICOA[Semicoa Semiconductor]
|
2N2484 2N2920 2N2483 2N930 2C2484 |
Chip Type 2C2484 Geometry 0307 Polarity NPN 片式2C2484几何0307极性npn Supercapacitor; Capacitance:1F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin; Termination:Radial Leaded; ESR:50ohm; Lead Pitch:5mm; Operating Temp. Max:85 C RoHS Compliant: Yes Type 2N2484 Geometry 0220 / 0307 Polarity NPN
|
SEMICOA[Semicoa Semiconductor]
|
ML2036 ML2036CP ML2036CS ML2036CSX |
Serial Input Programmable Sine Wave Generator with Digital Gain Control Serial Input Programmable Sine Wave Generator
with Digital Gain Control From old datasheet system DC - 50kHz Programmable Sinewave Generator
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|