PART |
Description |
Maker |
ZNBG3010 ZNBG3010Q16 ZNBG3011 ZNBG3011Q16 |
Polarity switch and FET bias controller FET BIAS CONTROLLER AND POLARITY SWITCH Bias Generator with Polarity Selection Control
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
U6815BM U6815BM-NFL U6815BM-NFLG3 T6815BM-NFL |
Dual Hex DMOS output driver with serial input control. Dual Hexdriver with serial input control
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
24C08 ST25C08 ST25C08B1TR ST25C08B3TR ST25C08B5TR |
IC ACEX 1K FPGA 100K 484-FBGA Pulse Width Modulation (PWM) Controller IC; Topology:Flyback, Forward; Control Mode:Current; Number of PWM Outputs:1; Input Voltage Primary Min:15V; Input Voltage Primary Max:200V; Duty Cycle Max:50% MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:150V; Case style:PowerPak SO-8; Current, Id (ST2xxx) 8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 8 Kbit Serial I 2 C Bus EEPROM with User-Defined Block Write Protection 8KbitSerialI2CBusEEPROMwithUser-DefinedBlockWriteProtection
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
REL-IR2-LDP-125DC |
Plug-in industrial relay with power contacts, 2 PDTs, test button, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1 , A2-, input voltage: 125 V DC
|
PHOENIX CONTACT
|
PE9605 |
Reverse Polarity SMA Male to Reverse Polarity TNC Male Adapter
|
Pasternack Enterprises, Inc.
|
ML2037 ML2037CP ML2037CS ML2037IP ML2037IS |
MOSFET P-CHAN DUAL 50V SOT363 500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control 500kHz Serial Input Programmable Sine Wave Generator with Digital Gain Control 500kHz / Serial Input / Programmable Sine Wave Generator with Digital Gain Control
|
Micro Linear Corporatio... MICRO-LINEAR[Micro Linear Corporation]
|
LT6558IDHC LT6558CDHC LT6558CGN LT6558IDHCTRPBF |
550MHz, 2200V/楼矛s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control 550MHz, 2200V/μs Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control 550MHz, 2200V/µs Gain of 1, Single Supply Triple Video Amplifier with Input Bias Control; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C 3 CHANNEL, VIDEO AMPLIFIER, PDSO16
|
Linear Technology, Corp.
|
SD2907A SD2907AF 2N3486A 2N2905 2N3486 SQ2907AF 2C |
Chip Type 2C2907A Geometry 0600 Polarity PNP 片式2C2907A几何0600极性进步党 Type 2N3486A Geometry 0600 Polarity PNP
|
SEMICOA[Semicoa Semiconductor]
|
2N5154L |
Chip Type 2C5154 Geometry 9201 Polarity NPN Type 2N5154L Geometry 9201 Polarity NPN
|
SEMICOA[Semicoa Semiconductor]
|
ML2036 ML2036CP ML2036CS ML2036CSX |
Serial Input Programmable Sine Wave Generator with Digital Gain Control Serial Input Programmable Sine Wave Generator
with Digital Gain Control From old datasheet system DC - 50kHz Programmable Sinewave Generator
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|