PART |
Description |
Maker |
2954798 |
EMG 45-DIO 8E/LP
|
PHOENIX CONTACT
|
2952790 |
EMG 22-DIO 4E-1N5408
|
PHOENIX CONTACT
|
2954785 |
Diode block - EMG 90-DIO 32M/LP
|
PHOENIX CONTACT
|
2950129 |
EMG 45-DIO14M
|
PHOENIX CONTACT
|
30211506 |
Switching module - EMG 30-S2/16A - 2944533
|
PHOENIX CONTACT
|
AEC-6913-A1M-1010 AEC-6913-A2M-1010 |
Design for Industrial Automation, Reliable Design: RS-422/485 10x. DIO
|
AAEON Technology
|
1N4148W BAV16W |
SOD-123 Plastic-Encapsulate Diodes SOD-123 Plastic-Encapsulate Dio des
|
美丽微半导体有限公司 Formosa MS
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
831C-3J 831C-4 831C-1 831C-1G 831C-1J 831C-2 831C- |
1N4001 DIO RECT 100V DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 - OBSOLETE RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 DIODE ZENER SINGLE 1000mW 68Vz 3.7mA-Izt 0.05 5uA-Ir 51.7Vr DO41-GLASS 5K/AMMO 83系列成型双酯通孔和表面贴装干簧继电器 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 83系列成型双酯通孔和表面贴装干簧继电器 IC PLL CLK GENERATOR 1:6 32-LQFP 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
|
http:// List of Unclassifed Manufacturers ETC[ETC] Gordos Electronic Theatre Controls, Inc. List of Unclassifed Man...
|