PART |
Description |
Maker |
RS401L |
DIO GBR 50V0 4A00 1PH 04SIP RS401L 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diodes, Inc.
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
SLD302B |
Block-type 200mW High Power Laser Diode
|
Sony Corporation
|
M29F002B M295V002B-120K6TR M295V002B-120XK6TR M29F |
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2兆位256Kb × 8,启动座单电源闪 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2兆位56Kb × 8,启动座单电源闪 35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2兆位56Kb × 8,启动座单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
1792730000 |
Terminal Block; Wire Size (AWG):24-16; Mounting Type:DIN Rail; Terminal Block Clamp Type:Spring Clamp 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
ACL-6128A ACL-8213L |
ISA DAQ/DIO Cards
|
List of Unclassifed Man...
|
BPC40C-806-01 BPC40C-806 |
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
|
Bookham, Inc.
|
|