PART |
Description |
Maker |
169.580 169.540 169.570 169.530 169.520 169.550 |
CONNECTOR ASSEMBLIES POWER CORD ADAPTER 1 US POWER CORD 12 FEET US POWER CORD EXTENSION 6 FT. US RIGHT ANGLE POWER CORD 6 FEET OUTLET SAVER 12" AC M/F MINI EXTENSION CORD OFK3用于额定电压32保险丝链
|
Littelfuse, Inc.
|
TLM815NS |
Power It! Safety Power Strip with 8 Outlets, 15-ft. Cord and Integrated Cord Wrap
|
List of Unclassifed Manufac...
|
0888 08880221 0888.0221 |
Power Supply Cord with IEC Connector C19 and Power (Mains) Plug NEMA 5-15P resp.. 6-20P POWER CORD 15A; 125VAC, FEMALE, MAINS POWER CONNECTOR, PLUG
|
Schurter Inc. SCHURTER AG
|
JANTXV1N5420 JANTX1N5420 JAN1N5420 JANTX1N5415 JAN |
Coiled Cord; Features:6' positive coil memory combats cord stretch out; date coded for traceability; stainless steel spinning style banana plug reduces cord tangles; For Use With:WBB-AFWS Adjustable Fabric Wrist Strap RoHS Compliant: NA Fast Rectifier (100-500ns) RECTIFIERS GROUND CORD, 2X4MM SOCKETS, 5M; Length, lead:15ft RoHS Compliant: NA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
1300900008 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 10.67m (35.0) Cord Length with
|
Molex Electronics Ltd.
|
1301800311 |
1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
|
Molex Electronics Ltd.
|
1301800309 |
1 1/4 Cord Grip Grommet, F5 Body Size 22.23-28.58mm (.875-1.000) Cord Diameter
|
Molex Electronics Ltd.
|
1300910018 |
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
|
Molex Electronics Ltd.
|
1300900015 |
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 10.67m (35.0) Cord Length with 100W Incandescent Hand Lamp and Rubber Handle
|
Molex Electronics Ltd.
|
3366 |
Power Cord with IEC Connector C15, Straight, 120°C Power Cord with IEC Connector C15, Straight, 120掳C
|
Schurter Inc.
|