PART |
Description |
Maker |
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL28448 ISL28448FVZ ISL28448FVZ-T7 ISL28248 ISL28 |
4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil Corporation
|
LT1800CS5PBF LT1800-15 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp.
|
TS9511RILT |
Precision rail-to-rail input/output 3 MHz single operational amplifier
|
STMicroelectronics
|
RH1499M RH1499M-15 |
10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
|
Linear Technology
|
LT1880CS5 LT1880 LT1880IS5 |
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
AD8224HACPZ-R7 AD8224HACPZ-RL AD8224-EVALZ AD8224A |
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
|
Analog Devices
|
ISL28136FHZ-T7 ISL28136FHZ-T7A ISL28136FBZ-T7 |
5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
|
Intersil Corporation
|
OP484EP OP-184 OP484ES OP284FS OP284FP |
Precision Rail-to-Rail Input & Output Operational Amplifiers 精密轨到轨输 Precision Rail-to-Rail Input & Output Operational Amplifiers Precision Rail-to-Rail Input & Output Operational Amplifiers
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
LT1218 LT1218CN8 LT1218CS8 LT1218L LT1218LCN8 LT12 |
From old datasheet system Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
AD8605 |
Precision Low Noise CMOS Single Rail-to-Rail Input/Output Op Amp
|
Analog Devices
|