PART |
Description |
Maker |
T495D226K025ATE230 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 230 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495B106K010ATE600 |
T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 600 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D107K010ATE050 |
Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 50 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226M035ATE125 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495C476K016ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495B336K016ATE350 |
Tantalum, MnO2 Tantalum, T495, 33 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 350 mOhms, 2.1mm
|
Kemet Corporation
|
T356A105K035AT7301 |
Tantalum, MnO2 Tantalum, Commercial Grade, T356, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
T491B686K006AT |
Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, 900 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T491C106K016AT7280 |
T491, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T491B685K025AT |
Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
|