PART |
Description |
Maker |
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CRS01 |
Schottky Barrier Rectifier Schottky Barrier Type High Speed Rectifier Applications
|
TOSHIBA
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
SS510 SS52 SS515 SS520 SS58 SS55 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd
|
SS34 SS320 SS320SMB SS310 SS35 SS38 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd Gaomi Xinghe Electronics Co... Chendahang Electronics Co.,... Gaomi Xinghe Electronic... Chendahang Electronics ...
|
U5GWJ2C42C |
Schottky Barrier Rectifier Stack Schottky Barrier Type Swiching Mode Power Supply Application
|
TOSHIBA
|
U2GWJ44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION
|
TOSHIBA[Toshiba Semiconductor]
|
MBR0520LT1 MBR0520LT3 ON0405 |
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS 0.5 A, 20 V, SILICON, SIGNAL DIODE (MBR0520LT1 / MBR0520LT3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
JKC5819 CD1A30 JHC5819 JHC6761 JKC6761 |
45 V, 1 Amp schottky barrier rectifier chip 1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS 100 V, 1 Amp schottky barrier rectifier chip
|
Compensated Devices Incorporated
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|