PART |
Description |
Maker |
SQF-SHMM2-XG-S9C SQF-SHMM2-XG-S9E |
SATA III (6.0Gb) CFast
|
Advantech Co., Ltd.
|
JMF662 |
SATA III to Flash controller
|
JMicron
|
P946-12I |
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 12-in
|
List of Unclassifed Man...
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
MAX4951CTP |
SATA I/SATA II Bidirectional Re-Driver
|
Maxim Integrated Produc...
|
SII4726 |
SATA to 5-Port SATA Device SteelVine?Storage Processor SATA to 5-Port SATA Device SteelVine⑩ Storage Processor SATA to 5-Port SATA Device SteelVine Storage Processor
|
Silicon image
|
SD453N12S20MC SD453N12S20MSC SD453N12S20MTC SD453N |
1200V Fast Recovery Diode in a B-8 package 2500V Fast Recovery Diode in a B-8 package Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Right Angle SATA Plug; Cable Length:0.5m; Current Rating:1.5A; No. of Contacts:7 RoHS Compliant: Yes Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Right Angle SATA Plug; Cable Length:0.5m; Current Rating:1.5A; Number of Contacts:7 Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Straight SATA Plug; Cable Length:0.5m; Current Rating:1.5A; No. of Contacts:7 RoHS Compliant: Yes FAST RECOVERY DIODES 快速恢复二极管 ATTACH TAPE ACRYLIC 1/2X20YD 快速恢复二极管
|
IRF[International Rectifier] International Rectifier, Corp.
|
MIO-2261 |
Intel? Atom N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
|
Advantech Co., Ltd.
|
MIO-3260LZ22GS8A1E |
Intel? Atom?E3825 & Celeron? N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA,DP/HDMI, 1 GbE, Full-size Mini PCIe,4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
|
Advantech Co., Ltd.
|
MIO-2262N-S6A1E |
Intel? Atom?N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
|
Advantech Co., Ltd.
|
TS1TSJ35U TS15TSJ35U TS500GSJ35U TS0GSJ35U |
Works with all 3.5 SATA hard drives Works with all 3.5隆卤 SATA hard drives
|
Transcend Information. Inc.
|
|