PART |
Description |
Maker |
SQF-SMSM4-64G-S9E SQF-SMSM4-64G-S9C SQF-SMSM4-32G- |
Support SATA 1.5/3.0/6.0 Gbps interface
|
Advantech Co., Ltd.
|
SN75LVPE802 |
<font color=red>[Old version datasheet]</font> Two-Channel 8 Gbps SATA Express Equalizer and Redriver
|
TI store
|
JMB352 |
High-Speed USB & SATA II Combo to Dual SATA II RAID Bridge
|
JMicron
|
P946-12I |
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 12-in
|
List of Unclassifed Man...
|
SII4723 |
SATA to 2-Port 3Gb/s SATA SteelVine Storage Processor
|
Silicon Image, Inc.
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
P94612I |
Serial ATA (SATA) Dual Power Adapter Y Cable (LP4 4pin to 2x 15pin SATA), 1x6-in. leg and 1x12-in leg
|
Tripp Lite. All Rights ...
|
MAX4951CTP |
SATA I/SATA II Bidirectional Re-Driver
|
Maxim Integrated Produc...
|
SII4726 |
SATA to 5-Port SATA Device SteelVine?Storage Processor SATA to 5-Port SATA Device SteelVine⑩ Storage Processor SATA to 5-Port SATA Device SteelVine Storage Processor
|
Silicon image
|
VSC7978 |
9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
|
Vitesse Semiconductor Corporation
|
SI476X |
Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
|
Silicon Laboratories
|